Part Number Hot Search : 
125612T V330ME05 HERF805 MP86PS23 SM3040D TOP253EN GBU6M HR9311SF
Product Description
Full Text Search
 

To Download 1N6315US Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 * AVAILABLE IN JAN, JANTX, JANTXV AND JANS PER MIL-PRF-19500/533 * 500 mW ZENER DIODES * NON CAVITY CONSTRUCTION * METALLURGICALLY BONDED
1N6309US THRU 1N6320US
MAXIMUM RATINGS
Operating Temperature: -65C to +175C Storage Temperature: -65C to +175C Power Dissapation: 500 mW@TEC=+125C Power Derating: 10 mW/C above TEC=+125C Forward Voltage: 1.4V dc @ IF=1A dc (pulsed)
ELECTRICAL CHARACTERISTICS @ 25C, unless otherwise specified
VZ2 NOM. 5% @ IZ2 VOLTS 1N6309US 1N6310US 1N6311US 1N6312US 1N6313US 1N6314US 1N6315US 1N6316US 1N6317US 1N6318US 1N6319US 1N6320US 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 VZ1 MIN. @IZ1 250 A VOLTS 1.1 1.2 1.3 1.5 1.8 2.0 2.4 2.8 3.3 4.3 5.2 6.0 IZ2 TEST CURRENT mA 20 20 20 20 20 20 20 20 20 20 20 20 ZZ @ IZ2 OHMS 30 30 29 24 22 20 18 16 14 8.0 3.0 3.0 ZZK @ 250 A OHMS 1200 1300 1400 1400 1400 1700 1400 1500 1300 1200 800 400 IZM VZ (reg) v VZ (1) mA 177 157 141 128 117 108 99 90 83 76 68 63 VOLTS 1.5 1.5 1.5 1.6 1.6 1.6 0.9 0.5 0.4 0.4 0.3 0.35 AMPS 2.5 2.2 2.0 1.8 1.65 1.5 1.4 1.27 1.17 1.10 0.97 1.23 VOLTS 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.5 2.0 2.5 3.5 4.0 IZSM SURGE VR IR1 @ 25C A 100 60 30 5.0 3.0 2.0 2.0 5.0 5.0 5.0 5.0 2.0 IR2 ND @ @250 A TA= 1-3 kHz 150C A 200 150 100 20 12 12 12 12 12 10 10 50 V/ Hz 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 5.0 5.0
DIM D F G S
MILLIMETERS MIN MAX 1.78 2.16 0.48 0.71 4.19 4.95 0.08MIN.
INCHES MIN MAX 0.070 0.085 0.019 0.028 0.165 0.195 0.003MIN.
TYPE
FIGURE 1
DESIGN DATA
CASE: D-5D, Hermetically sealed glass case, per MIL-PRF- 19500/533 LEAD FINISH: Tin / Lead THERMAL RESISTANCE: (ROJEC): 50 C/W maximum
NOTE 1:
v VZ = VZ @ 20 mAdc minus VZ @ 2mAdc
THERMAL IMPEDANCE: (ZOJX): 15 C/W maximum POLARITY: Diode to be operated with the banded (cathode) end positive.
MOUNTING SURFACE SELECTION: The Axial Coefficient of Expansion (COE) of this device is approximately + 4PPM / C. The COE of the Mounting Surface System should be selected to provide a suitable match with this device.
22 COREY STREET, MELROSE, MASSACHUSETTS 02176 PHONE (781) 665-1071 FAX (781) 665-7379 WEBSITE: http://www.cdi-diodes.com E-mail: mail@cdi-diodes.com
1N6309US
Pd, Rated Power Dissipation (mW) 500 400 300 200 100 0 0 25 50
thru
FIGURE 2
1N6320US
75
100
125
150
175
TEC , End cap temperature (C)
POWER DERATING CURVE
1000
500 400 300 200 ZENER IMPEDANCE ZZT (OHMS) 100 50 40 30 20 10 5 4 3 2 1 .1 .2 .5 1 2 5 10 20 50 100 OPERATING CURRENT IZT (mA)
3.3 VOLT 5.1 VOLT
6.2 VOLT
FIGURE 3
ZENER IMPEDANCE VS. OPERATING CURRENT


▲Up To Search▲   

 
Price & Availability of 1N6315US

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X